Part Number Hot Search : 
BPC2508 VO2611 JAN2N LB11690 D74LVC MT160 ACE9030 HN4D01JU
Product Description
Full Text Search
 

To Download KIT3003C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ki t300 3c rev. date: 28-jan- 11 ksd-xxxxxx-000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. description the photointerrupter high-performance standard type KIT3003C combines a high-output gaas ired with a high sensitivity phototransistor. features z with the installation positioning boss. z 3.0mm gap. z optical axis height from the mounting surface : 14.55mm. z slim type. z rohs compliant. applications z vtr. z cassette mecha. absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v input led pulse forward current *1 i fp 0.5 a collector dissipation p c 75 ? collector current i c 20 ? c-e voltage v ceo 30 v output detector e-c voltage v eco 5 v rate of decrease of temp. for forward current *2 i f / t a -0.67 ? / rate of decrease of temp . for collect. dissipation *2 ? p c / ? t a -1.00 ? / operating temperature *3 topr. -25 ~ 85 storage temperature *3 tstg. -40~ 100 soldering temperature *4 tsol. 260 *1 : pulse width tw 100 ? period t=10 ?
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it300 3c the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. *2 : ta 25 ~ topr (max.) *3 : no icebound or dew *4: the soldering should be 1mm away from bottom of the holder t=within 5sec electrical-optical characteristics (t a =25 ) characteristic simbol min. typ. max. unit condition forward voltage v f - 1.2 1.4 v i f =20 ? reverse current i r - - 10 a v r =5v input peak wavelength p - 940 - nm i f =20 ? dark current i ceo - 1 100 na v ce =10v, l v =0lux output peak wavelength p - 880 - nm light current i c 0.5 - 5 ma i f =20 ? , v ce =5v non shading leakage current i ceod - 0.5 10 a i f =20 ? , v ce =5v shading c-e saturation voltage v ce (sat) - 0.15 0.4 v i f =20 ? , i c =0.05 ? rise time tr - 50 - s transmission characteristics fall time tf - 50 - s v ce =5v, i c =0.1 ? r l =1k ? * circuit for measuring response time
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it300 3c the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. package outline dimensions (unit : mm)


▲Up To Search▲   

 
Price & Availability of KIT3003C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X